PART |
Description |
Maker |
AT85C5122 AT83C5122 AT83C5123 AT83EC5122 AT83EC512 |
C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM. A pre-certified version of this product with Omnikey software is available: C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM. C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes ROM, 512 Bytes EEPROM C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 30K bytes ROM and 512 bytes EEPROM data C51 Microcontroller with 7-Endpoint USB Controller, Smart Card Reader Interfaces ISO7816 compliant, DC/DC Converter and 32K bytes Code RAM, 512 Bytes EEPROM Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K ROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 30K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K bytes ROM 512 bytes EEPROM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz. Microcontroller with USB and smart card reader interface. Memory size 32K flash RAM. Supply voltage 3.6-5.5 V. Max frequency 32 MHz.
|
Atmel
|
AT83C24NDS-TISIL AT83C24NDS-TISIM AT83C24-TISIL AT |
Smart Card Reader Interface with Power Management
|
ATMEL[ATMEL Corporation]
|
AT83C24-TIRIL AT83C24-TIRIM AT83C24-TIRUL AT83C24- |
GT 3C 3#16S SKT PLUG 32BIT MCU,2KRAM,TPU,QSM Smart Card Reader Interface with Power Management SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 Smart Card Reader Interface with Power Management SPECIALTY MICROPROCESSOR CIRCUIT, PDSO28 Single Ic = 100 mA SPECIALTY MICROPROCESSOR CIRCUIT, QCC28 Rheostat; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Resistance:40ohm SPECIALTY MICROPROCESSOR CIRCUIT, PDSO28
|
Atmel Corp. 微控制器/微处理器 Atmel, Corp.
|
TDA8030HL TDA8031HL |
USB smart card reader (OTP or ROM)
|
NXP Semiconductors
|
73S1209F |
Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
|
Teridian Semiconductor
|
AT83C5123XXX-PUTUM AT83C5123XXX-RARUM AT83C512208 |
C51 Microcontroller with USB and Smart Card Reader Interfaces
|
ATMEL Corporation http://
|
NCN6804 |
Dual Smart Card Interface with SPI Programming Interface Dual Smart Card Interface IC
|
ON Semiconductor
|
73S1209F-68IM_F 73S1209F-68IMR_F |
Self-Contained PINpad, Smart Card Reader IC UART to ISO7816 / EMV Bridge IC
|
Teridian Semiconductor Corporation
|
LTC1756EGN 1756I LTC1756 |
From old datasheet system Smart Card Interface SPECIALTY INTERFACE CIRCUIT, PDSO16
|
Linear Technology, Corp.
|
NCN6804MNR2G NCN6804 |
Dual Smart Card Interface IC with SPI Programming Interface
|
ONSEMI[ON Semiconductor]
|